PART |
Description |
Maker |
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
QL12X16B-XCG84M/883C QL12X16B-0PL84M QL12X16B-1PL8 |
RFID transponder coil, SMT, RoHS Field Programmable Gate Array (FPGA) 现场可编程门阵列(FPGA
|
Electronic Theatre Controls, Inc.
|
HMC698LP5 |
7 GHz Integer-N Synthesizer SMT
|
Hittite Microwave Corporation
|
HMC700LP4 |
8 GHz 16-Bit Fractional-N Synthesizer SMT
|
Hittite Microwave Corporation
|
MASYVS0006-2275T MASYVS0006-2275 MASYVS0006-2275B |
Synthesizer , SMT 2240 - 2310 MHz, 100 & 200 kHz
|
MACOM[Tyco Electronics]
|
MCRF250 MCRF250-I_WFQ23 MCRF250-I_P MCRF250-I_S MC |
The MCRF250 is one time contactlessly programmable passive Radio Frequency Identification (RFID) IC device with advanced anti-collision features. The device is powered by an external RF transmitter (reader) through inductive coupling. The 125 kHz microID Passive RFID Device with Anti-Collision From old datasheet system
|
MICROCHIP[Microchip Technology]
|
HKT100U HKT100Y01U |
μ-Chip (RFID) レ-Chip (RFID)
|
Renesas Electronics Corporation
|
MA5532 MA5532-AE |
RFID Transponder Coil
|
Coilcraft
|
CTTC4308F |
RFID Transponder Coils
|
Central Technologies
|
3061990831 |
Antenna/ RFID Rods
|
Fair-Rite Products Corp...
|
MLX9010906 MLX90109 |
125kHz RFID Transceiver
|
Melexis Microelectronic Systems
|
3061990881 |
Antenna/ RFID Rods
|
Fair-Rite Products Corp...
|